Part Number Hot Search : 
X5169P T34HF EVICE 29F040 SM1117A 1B1103K0 P80N06 24S12
Product Description
Full Text Search
 

To Download TV04A151J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Transient Voltage Suppressor
COMCHIP
www.comchip.com.tw
TV04A5V0 Thru TV04A171
Working Peak Reverse Voltage: 5.0 - 170 Volts Power Dissipation: 400 Watts
Features
DO-214AC (SMA)
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Typical IR less than 1uA above 10V Fast reponse time: typically less 1nS for uni-direction, less than 5nS for bidirectiona, from 0 V to BV min.
0.067(1.70) 0.051(1.29) 0.180(4.57) 0.160(4.06)
0.110(2.79) 0.086(2.18)
0.012(0.31) 0.006(0.15) 0.091(2.31) 0.067(1.70) 0.059(1.50) 0.035(0.89) 0.008(0.20) 0.004(0.10)
Mechanical data
Case: JEDEC DO-214AC molded plastic Terminals: solderable per MIL-STD-750, method 2026 Polarity: Cathode band denoted Mounting position: Any Approx. weight:0.064 gram
0.209(5.31) 0.185(4.70)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characterics
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
Characteristics
Peak Power Dissipation on 10/1000uS Waveform (Note 1, Fig. 1) Peak Pulse Current of on 10/1000uS Waveform (Note 1, Fig. 3) Steady State Power Dissipation at TL=75 C (Note 2) Peak Forfard Surge Current, 8.3mS Single Half Sine-Wave Superimposed on Rated Load, Uni-Directional Only (Note 3) Maxinum Instantaneous Forward Voltage at 25.0A for Uni-Directional only (Note 3 & 4) Operation Junction Temperature Range Storage Temperature Range
Symbol
PPPM
Value
400 See Table 1 1.0
Units
Watts A Watts
IPPM PM(AV)
IFSM
40
A
VF Tj TSTG
3.5 -55 to +150 -55 to +150
Volts C C
Note: 1. Non-Repetitive Current Pulse, per Fig. 3 and Derated above TA=25 C, per Fig. 2. 2. Mounted on 5.0x5.0mm Copper Pads to Each Terminal. 3. Lead Temperature at TL=75 C per Fig. 5 4. Measured on 8.3 mS Single Half Sine-Wave for Uni-Directional Devices Only. 5. Peak Pulse Power Waveform is 10/1000uS.
MDS0211009A
Page 1
SMD Transient Voltage Suppressor
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (TV04A5V0 Thru TV04A171)
Fig. 1 - Reverse Characteristics
100 Peak Pulse Power, PPPM (KW) Mounted on 5mmx5mm Copper Pads
140
Fig. 2 - Pulse Derating Ciurve
Peak pulse Power (Ppp) or Current (Ipp) Derating in Percent (%)
120 100 80 60 40 20 0
Mounted on 5mmx5mm Copper pads
10
1.0 Non-Repetitive Pulse Waveform Shown in Fig. 3 TA=25 C 0.1 0.1 1.0 10 100 1000 10000 Pulse Width, td (uS)
0
25
50
75
100
125
150
175
Ambient Temperature,TA ( C)
Fig. 3 - Pulse Waveform
125
Fig. 4 - Typical Junction Capacitance
10,000
tr =10uS Peak Pulse Current, IPPM ( %)
100
Junction Capacitance, Cj (pF)
Pulse Width (td) is Defined as the Point Where the peak Current Decay to 50% of Ipp
Tj=25 C f=1.0MHz Vsig=50mVp-p 1,000
Measure at Standard-off Voltage, Vwm
75
Peak Value IPPM Half Value Ipp/2
Uni-Directional
50
10/1000 uS Waveform as Defined by R.E.A.
100 Bi-Directional
25
0
0 0 1.0 2.0 3.0 4.0 1.0 10 100 1,000 Time, t (mS) Breakdown Voltage,VBR (Volts)
Fig. 5 - Steady State Power Derating Curve
1.4
Fig. 6 - Maxinum Non-Repetitive Peak Forward Surge Current (UniDirectional Only)
Peak Forward Surge Current, IFSM (A) 100 8.3mS Single Half Sine-Wave (JEDEC Method) Tj=Tjmax
Steady State Power Dissipation, PM(AV), Watts
1.2 1.0 0.8 0.6 0.4 0.2 0
60Hz Resistive or Inductive Load
50
30
Mounted on 5mmx5mm Copper pads 0 25 50 75 100 125 150 175
10 1 10 Number of Cycle at 60Hz 100 Leadt Temperature,TL ( C)
MDS0211009A
Page 2
SMD Transient Voltage Suppressor
Table 1. Specification
Absolute Maximum R ating (Ta=25 C)
COMCHIP
www.comchip.com.tw
Electrical Characteristics (Ta=25 C)
Part No.
TV04A5V0K(B) TV04A5V0J(B) TV04A6V0K(B) TV04A6V0J(B) TV04A6V5K(B) TV04A6V5J(B) TV04A7V0K(B) TV04A7V0J(B) TV04A7V5K(B) TV04A7V5J(B) TV04A8V0K(B) TV04A8V0J(B) TV04A8V5K(B) TV04A8V5J(B) TV04A9V0K(B) TV04A9V0J(B) TV04A100K(B) TV04A100J(B) TV04A110K(B) TV04A110J(B) TV04A120K(B) TV04A120J(B) TV04A130K(B) TV04A130J(B) TV04A140K(B) TV04A140J(B) TV04A150K(B) TV04A150J(B) TV04A160K(B) TV04A160J(B) TV04A170K(B) TV04A170J(B) TV04A180K(B) TV04A180J(B) TV04A200K(B) TV04A200J(B) TV04A220K(B) TV04A220J(B) TV04A240K(B) TV04A240J(B) TV04A260K(B) TV04A260J(B) TV04A280K(B) TV04A280J(B) TV04A300K(B) TV04A300J(B) TV04A330K(B) TV04A330J(B) TV04A360K(B) TV04A360J(B) TV04A400K(B) TV04A400J(B) TV04A430K(B) TV04A430J(B) TV04A450K(B) TV04A450J(B)
VRWM (V)
5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00
VBR Min VBR Max (V)
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0
IT
10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
IFSM
40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40
Max Vc (V)
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7
IR @ VRWM Marking Code ( uA )
800 800 800 800 500 500 200 200 100 100 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 49.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3
( mA ) (A) @8.3 mS
Ipp(A)
41.6 43.5 35.1 38.0 32.5 35.7 30.1 33.3 28.0 31.0 26.5 29.4 25.1 27.7 23.6 26.0 21.1 23.5 20.0 22.0 18.1 20.1 16.8 18.6 15.5 17.2 14.8 16.4 13.8 15.3 13.1 14.5 12.4 13.7 11.1 12.3 10.0 11.2 9.3 10.3 8.6 9.5 8.0 8.8 7.5 8.3 6.8 7.5 6.2 6.9 5.6 6.2 5.2 5.7 5.0 5.5
UNI
AD AE AF AG AH AK AL AM AN AP AQ AR AS AT AU AV AW AX AY AZ BD BE BF BG BH BK BL BM BN BP BQ BR BS BT BU BV BW BX BY BZ CD CE CF CG CH CK CL CM CN CP CQ CR CS CT CU CV
BI
WD WE WF WG WH WK WL WM WN WP WQ WR WS WT WU WV WW WX WY WZ XD XE XF XG XH XK XL XM XN XP XQ XR XS XT XU XV XW XX XY XZ YD YE YF YG YH YK YL YM YN YP YQ YR YS YT YU YV
MDS0211009A
Page 3
SMD Transient Voltage Suppressor
Absolute Max imum Ra ting (Ta=25 C)
COMCHIP
www.comchip.com.tw
Electrical Characteristics (Ta=25 C)
Part No.
TV04A480K(B) TV04A480J(B) TV04A510K(B) TV04A510J(B) TV04A540K(B) TV04A540J(B) TV04A580K(B) TV04A580J(B) TV04A600K(B) TV04A600J(B) TV04A640K(B) TV04A640J(B) TV04A700K(B) TV04A700J(B) TV04A750K(B) TV04A750J(B) TV04A780K(B) TV04A780J(B) TV04A850K(B) TV04A850J(B) TV04A900K(B) TV04A900J(B) TV04A101K(B) TV04A101J(B) TV04A111K(B) TV04A111J(B) TV04A121K(B) TV04A121J(B) TV04A131K(B) TV04A131J(B) TV04A151K(B) TV04A151J(B) TV04A161K(B) TV04A161J(B) TV04A171K(B) TV04A171J(B)
Note:
VRWM (V)
48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00
VBR Min VBR Ma x (V)
53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189
IT
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
IFSM
40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40
Max Vc (V)
85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0
IR @VRWM Marking Code ( uA )
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.0 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209
( mA ) (A) @8 .3m S
Ipp(A)
4.7 5.2 4.4 4.9 4.2 4.6 3.9 4.3 3.7 4.1 3.5 3.9 3.2 3.5 3.0 3.3 2.9 3.2 2.6 2.9 2.5 2.7 2.2 2.5 2.0 2.3 1.9 2.0 1.7 1.9 1.5 1.6 1.4 1.5 1.3 1.4
UNI
CW CX CY CZ RD RE RF RG RH RK RL RM RN RP RQ RR RS RT RU RV RW RX RY RZ SD SE SF SG SH SK SL SM SN SP SQ SR
BI
YW YX YY YZ ZD ZE ZF ZG ZH ZK ZL ZM ZN ZP ZQ ZR ZS ZT ZU ZV ZW ZX ZY ZZ VD VE VF VG VH VK VL VM VN VP VQ VR
1) Suffix K Denotes 10% tolerance devices, suffix J denotes 5% tolerance devices. 2) Suffix B after part number to specify bi-directional devices. 3) For bi-directional devices having VR of 10 volts and under, the IR limit is double.
MDS0211009A
Page 4


▲Up To Search▲   

 
Price & Availability of TV04A151J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X